Part Number Hot Search : 
16608 RN2961FS ZX180 DR202G 1500W 24C01 UL1201 LVC240
Product Description
Full Text Search
 

To Download 2N3903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N3903 2n3904 npn silicon transistor description: the central semiconductor 2N3903 and 2n3904 types are npn silicon transistors designed for general purpose amplifier and switching applications. pnp complementary types are 2n3905 and 2n3906. marking: full part number to-92 case maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 60 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6.0 v continuous collector current i c 200 ma power dissipation p d 625 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 200 c/w electrical characteristics: (t a =25c ) 2N3903 2n3904 symbol test conditions min max min max units i cev v ce =30v, v eb =3.0v - 50 - 50 na bv cbo i c =10a 60 - 60 - v bv ceo i c =1.0ma 40 - 40 - v bv ebo i e =10a 6.0 - 6.0 - v v ce(sat) i c =10ma, i b =1.0ma - 0.2 - 0.2 v v ce(sat) i c =50ma, i b =5.0ma - 0.3 - 0.3 v v be(sat) i c =10ma, i b =1.0ma 0.65 0.85 0.65 0.85 v v be(sat) i c =50ma, i b =5.0ma - 0.95 - 0.95 v h fe v ce =1.0v, i c =0.1ma 20 - 40 - h fe v ce =1.0v, i c =1.0ma 35 - 70 - h fe v ce =1.0v, i c =10ma 50 150 100 300 h fe v ce =1.0v, i c =50ma 30 - 60 - h fe v ce =1.0v, i c =100ma 15 - 30 - h fe v ce =10v, i c =1.0ma, f=1.0khz 50 200 100 400 f t v ce =20v, i c =10ma, f=100mhz 250 - 300 - mhz c ob v cb =5.0v, i e =0, f=100khz - 4.0 - 4.0 pf c ib v eb =0.5v, i c =0, f=100khz - 8.0 - 8.0 pf nf v ce =5.0v, i c =100a, r s =1.0k f=10hz to 15.7khz - 6.0 - 5.0 db t on v cc =3.0v, v be(off) =0.5v, i c =10ma i b1 =1.0ma - 70 - 70 ns t off v cc =3.0v, i c =10ma, i b1 =i b2 =1.0ma - 225 - 250 ns r2 (12-october 2011) www.centralsemi.com
2N3903 2n3904 npn silicon transistor lead code: 1) emitter 2) base 3) collector marking: full part number to-92 case - mechanical outline www.centralsemi.com r2 (12-october 2011)


▲Up To Search▲   

 
Price & Availability of 2N3903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X